PART |
Description |
Maker |
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
IRU1117-33 IRU1117-3.3 IRU1117-33CD |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 800mA的低压差型正,固3.3V稳压 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR(75.90 k)
|
International Rectifier, Corp. IR
|
AIC1117CE AIC1117 AIC1117-28 AIC1117-28CE AIC1117- |
800mA Low Dropout Positive Adjustable
Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation Analog Integrations, Corp.
|
AP1115BVA AP1115AVL AP1115AVLA AP1115AYL AP1115AYL |
Adj; 0.6 A low dropout positive adjustable or fixed-mode regulator
|
Anachip
|
TS1117B07 TS1117B TS1117BCPXXRO TS1117BCSXXRL TS11 |
800mA Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
AZ1117BH-1.8TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing, Ltd.
|
APL108733DC-TRG APL108718DC-TRG APL108718DC-TBG |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
|
Anpec Electronics Coropration Anpec Electronics Corop...
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
IRU1010CY IRU1010CP IRU1010CD IRU1010CS IRU1010CDT |
1A Adj LDO Linear Regulator in a SOT-223 3-Leads package 1A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 1A低压差型正,可调式稳压器
|
IRF[International Rectifier] International Rectifier, Corp.
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
APL1085-33UC-TR APL1085-33UC-TU APL1085-UC-TR APL1 |
3.3 V, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V Adj, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V
|
ANPEC Electronics Corporation
|